| データシートサーチシステム |
|
CYNVC-179-005 データシート(PDF) 2 Page - Cyntec Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CYNVC-179-005 データシート(HTML) 2 Page - Cyntec Co., Ltd. |
|
2 / 7 page ![]() CYNTEC CO., LTD. 乾坤科技股份有限公司 Dec., 2018 DOCUMENT : CYNVC-179-005 REVISION : A5 PAGE : 2 OF 7 Power Choke Coil VCSC108T MS6K type Features High performance (Isat) realized by metal dust core. Low loss realized with low DCR Compliance with RoHS and Halogen Free AEC-Q200 qualified Application Automotive applications SEPIC circuit Outline Dimensions T H P Top view Bottom view Side view A' A1 1 2 3 W L B 12 43 4 Schematic Start Finish 1 2 4 3 Start Finish Code Dimensions (mm) L 10.80 0.35 W 10.0 0.3 T 8.0 Max. A1 2.4 0.5 B 3.1 0.3 A’ 2.5 0.1 P 1.6 0.2 H 0 ~ + 0.15 AEC-Q200 Issued |