データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AG9330 データシート(PDF) 10 Page - Silver Telecom 2019

部品番号 AG9330
部品情報  30W PoE Module for Security Cameras and Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILVERTEL [Silver Telecom 2019]
ホームページ  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG9330 データシート(HTML) 10 Page - Silver Telecom 2019

Back Button AG9330 Datasheet HTML 6Page - Silver Telecom 2019 AG9330 Datasheet HTML 7Page - Silver Telecom 2019 AG9330 Datasheet HTML 8Page - Silver Telecom 2019 AG9330 Datasheet HTML 9Page - Silver Telecom 2019 AG9330 Datasheet HTML 10Page - Silver Telecom 2019 AG9330 Datasheet HTML 11Page - Silver Telecom 2019 AG9330 Datasheet HTML 12Page - Silver Telecom 2019 AG9330 Datasheet HTML 13Page - Silver Telecom 2019 AG9330 Datasheet HTML 14Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
V1.0 May 2012
Data Sheet
Ag9330
30W POE Module for Security Cameras and Systems
© Silver Telecom 2012
10
Figure 7 shows how to implement the two auxiliary inputs: -
The DC input requires two diodes to ‘OR’ with the +VDC output. R1 (0R) should be fitted
to increase the Ag9330 output to compensate to the voltage drop of D1*.
Ag9330
RX
TX
4
5
1
2
3
6
7
8
VIN+
AT-DET
ADJ
12V Output
RJ-45
VIN-
AUX1+
AUX1-
+
-
~
~
+
-
~
~
+VDC
-VDC
+
-
~
~
+
C2
1000µF
Auxiliary AC Input
~
~
+
-
(1.5A)
POE Input
Isolation Barrier
* Pull-up resistor required to controller power rail
Opto1
To Controller *
PC817 or equivalent
+
C1
1000µF
Auxiliary DC Input
AUX DC+
AUX DC-
R1
0R
D1
MBRD660
BR1
DBS152G
BR2
DBS152G
Figure 7: Typical PoE and Auxiliary Input Connection Diagram
*Note: The MBR660 suggested for D1 can be changed to two independent diodes or a
higher specification dual diode if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com