データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMA8652FC データシート(PDF) 26 Page - NXP Semiconductors

部品番号 MMA8652FC
部品情報  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC データシート(HTML) 26 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 22Page - NXP Semiconductors MMA8652FC Datasheet HTML 23Page - NXP Semiconductors MMA8652FC Datasheet HTML 24Page - NXP Semiconductors MMA8652FC Datasheet HTML 25Page - NXP Semiconductors MMA8652FC Datasheet HTML 26Page - NXP Semiconductors MMA8652FC Datasheet HTML 27Page - NXP Semiconductors MMA8652FC Datasheet HTML 28Page - NXP Semiconductors MMA8652FC Datasheet HTML 29Page - NXP Semiconductors MMA8652FC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
MMA8652FC
Sensors
26
Freescale Semiconductor, Inc.
•
The LSB registers can only be read immediately following the read access of the corresponding MSB register.
—
A random read access to the LSB registers is not possible.
—
Reading the MSB register and then the LSB register in sequence ensures that both bytes (LSB and MSB) belong
to the same data sample, even if a new data sample arrives between reading the MSB and the LSB byte.
•
If the FIFO is enabled (F_MODE > 00), then Register 0x01 points to the FIFO read pointer, while Registers 0x02, 0x03, 0x04,
0x05, 0x06 return a value of zero when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65