| データシートサーチシステム |
|
LMX9820ASM データシート(PDF) 29 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX9820ASM データシート(HTML) 29 Page - National Semiconductor (TI) |
|
29 / 44 page ![]() Revision 1.0 29 www.national.com 12.0 Command Interface (Continued) Table 34. Power Mode Commands Command Event Description Set Default Link Policy Set Default Link Policy Confirm Defines the link policy used for any incoming or outgoing link. Get Default Link Policy Get Default Link Policy Confirm Returns the stored default link policy Set Link Policy Set Link Policy Confirm Defines the modes allowed for a specific link Get Link Policy Get Link Policy Confirm Returns the actual link policy for the link Enter Sniff Mode Enter Sniff Mode Confirm Exit Sniff Mode Exit Sniff Mode Confirm Enter Park Mode Enter Park Mode Confirm Enter Hold Mode Enter Hold Mode Confirm Power Save Mode Changed Remote device changed the power save mode on the link Table 35. Audio Control Commands Command Event Description Establish SCO Link Establish SCO Link Confirm Establish SCO link on existing RFComm link Release SCO Link Release SCO Link Confirm Release SCO link SCO Link Established Indicator A remote device has established a SCO link to the local device SCO Link Released Indicator SCO link has been released Change SCO Packet Type Change SCO Packet Type Confirm Changes packet type for existing SCO link SCO Packet Type changed indicator SCO packet type has been changed Set Audio Settings Set Audio Settings Confirm Set audio settings for existing link Get Audio Settings Get Audio Settings Confirm Get audio settings for existing link Set Volume Set Volume Confirm Configure the volume Get Volume Get Volume Confirm Get current volume setting Mute Mute Confirm Mutes the microphone input Table 36. Wake Up Function Commands Command Event Description Disable Transport Layer Transport Layer Enabled Disabling the UART transport layer and activates the hardware wake-up function |