| データシートサーチシステム |
|
AM79C930 データシート(PDF) 49 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930 データシート(HTML) 49 Page - Advanced Micro Devices |
|
49 / 161 page ![]() P R E L I M I N A R Y AMD 49 Am79C930 T1 TXDATA T2 T3 2 X TSCLK TGAP2 X TBCLK + 2 X TSCLK TGAP1 X TBCLK + 2 X TSCLK 1st Data Bit Last Data Bit 2 X TSCLK TXS 4 X TSCLK TSCLK = TCLKIN when CLKGT20 = 0 TBCLK = TSCLK X 20 TGAP3 X TBCLK + 2 X TSCLK O_TX TXP_ON 3 X TSCLK HDB X TBCLK TX default bit DRB X TBCLK TGAP4 X TBCLK + 2 X TSCLK TX default bit 7 X TSCLK 20183B-7 Figure 1. Transmitter Power Ramp Control The values HDR, DRB, TGAP1, TGAP2, TGAP3, and TGAP4 are programmable values that are stored in TCR register locations TCR0, TCR5, and TCR6. All other timings in the diagram are fixed with the values in- dicated. The CLKGT20 control bit is located in MIR9[7]. The timing of the five internal signals can be applied to the external pins TXCMD, TXPE, and TXMOD in either of two ways, depending upon the value pro- grammed into the RCEN bit of TIR11 as shown in the following table: Pin Timing Reference Timing Reference Name When RCEN=0 When RCEN=1 TXCMD O_TX T1 TXPE TXP_ON T2 TXMOD T3 T3 Note that the TXCMD, TXPE, and TXMOD bits of TIR11 may also affect the values of the TXCMD, TXPE, and TXMOD pins. See the individual descriptions of these pins in the Multi-Function Pin section of this document for more detail. The polarity of TXMOD and TXPE are programmable. A separate TXCMD signal (inverse polarity to TXCMD) is available. |