| データシートサーチシステム |
|
AM79C930VC/W データシート(PDF) 4 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930VC/W データシート(HTML) 4 Page - Advanced Micro Devices |
|
4 / 161 page ![]() 4 Am79C930 PRELIMINARY BLOCK DIAGRAM Bus Interface Unit A14–0 or LA23–17, SA16–0 D7–0 CLKIN Slave Control PCMCIA and ISA Memory and I/O Address Buffer Data Buffer SIR0 System Interrupt Generator SIR1 ... SIR7 ISA Memory Base ISA I/O Base MD[7:0] MA[16:0] 80188 Interrupt Generator IREQ PCMCIA Config Registers ALE CA16 Latch Bus Multi- plexer CAD7–0 CA15–8 MIR0 MIR1 ... MIR15 MOE MWE UCS LCS SRDY XCE FCE TAICE SCE INT1 RESET PCMCIA or ISA Control Signals Plug and Play Control Module Slave Control and Arbitration for Memory Interface Bus 20183B-2 |