データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1715316 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1715316
部品情報  Printed-circuit board connector - TPC 16/ 8-STF-10,16
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715316 データシート(HTML) 2 Page - PHOENIX CONTACT

  1715316 Datasheet HTML 1Page - PHOENIX CONTACT 1715316 Datasheet HTML 2Page - PHOENIX CONTACT 1715316 Datasheet HTML 3Page - PHOENIX CONTACT 1715316 Datasheet HTML 4Page - PHOENIX CONTACT 1715316 Datasheet HTML 5Page - PHOENIX CONTACT 1715316 Datasheet HTML 6Page - PHOENIX CONTACT 1715316 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/1715316
10/22/2014   Page 2 / 7
Printed-circuit board connector - TPC 16/ 8-STF-10,16 - 1715316
Technical data
General
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
1000 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
76 A
Nominal cross section
16 mm²
Maximum load current
76 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A6
Stripping length
18 mm
Number of positions
8
Screw thread
M4
Tightening torque, min
1.7 Nm
Tightening torque max
1.8 Nm
Connection data
Conductor cross section solid min.
0.75 mm²
Conductor cross section solid max.
16 mm²
Conductor cross section stranded min.
0.75 mm²
Conductor cross section stranded max.
16 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 16 mm² Only in connection with CRIMPFOX 16 S
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
16 mm² Only in connection with CRIMPFOX 16 S
Conductor cross section AWG/kcmil min.
18
Conductor cross section AWG/kcmil max
6
2 conductors with same cross section, solid min.
0.75 mm²
2 conductors with same cross section, solid max.
6 mm²
2 conductors with same cross section, stranded min.
0.75 mm²
2 conductors with same cross section, stranded max.
6 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
4 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²



Html Pages

1 2 3 4 5 6 7