| データシートサーチシステム |
|
CDCVF857GQL データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCVF857GQL データシート(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() CDCVF857 2.5V PHASELOCK LOOP CLOCK DRIVER SCAS047D − MARCH 2003 − REVISED JUNE 2005 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 THERMAL INFORMATION This package incorporates an exposed thermal pad that is designed to be attached directly to an external heatsink. The thermal pad must be soldered directly to the printed circuit board (PCB), the PCB can be used as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to a ground plane or special heatsink structure designed into the PCB. This design optimizes the heat transfer from the integrated circuit (IC). For information on the Quad Flatpack No-Lead (QFN) package and its advantages, refer to Application Report, Quad Flatpack No-Lead Packages, Texas Instruments Literature No. SCBA017. This document is available at www.ti.com. The exposed thermal pad dimensions for this package are shown in the following illustration. |