| データシートサーチシステム |
|
TLE75620-EST データシート(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE75620-EST データシート(HTML) 17 Page - Infineon Technologies AG |
|
17 / 81 page ![]() Datasheet 17 Rev. 1.0 2017-11-23 TLE75620-EST SPIDER+ 12V Control Pins • VDD and VS Undervoltage detection circuits are disabled to decrease current consumption (if both inputs are set to “low”) • No SPI communication is allowed (SO pin remains in high impedance state also when CSN pin is set to “low”) if both input pins are set to “low” |