データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCVF857RTBR データシート(PDF) 13 Page - Texas Instruments

部品番号 CDCVF857RTBR
部品情報  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857RTBR データシート(HTML) 13 Page - Texas Instruments

Back Button CDCVF857RTBR Datasheet HTML 9Page - Texas Instruments CDCVF857RTBR Datasheet HTML 10Page - Texas Instruments CDCVF857RTBR Datasheet HTML 11Page - Texas Instruments CDCVF857RTBR Datasheet HTML 12Page - Texas Instruments CDCVF857RTBR Datasheet HTML 13Page - Texas Instruments CDCVF857RTBR Datasheet HTML 14Page - Texas Instruments CDCVF857RTBR Datasheet HTML 15Page - Texas Instruments CDCVF857RTBR Datasheet HTML 16Page - Texas Instruments CDCVF857RTBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
This package incorporates an exposed thermal pad that is designed to be attached directly to an external
heatsink. The thermal pad must be soldered directly to the printed circuit board (PCB), the PCB can be used
as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to a ground
plane or special heatsink structure designed into the PCB. This design optimizes the heat transfer from the
integrated circuit (IC).
For information on the Quad Flatpack No-Lead (QFN) package and its advantages, refer to Application Report,
Quad Flatpack No-Lead Packages, Texas Instruments Literature No. SCBA017. This document is available at
www.ti.com.
The exposed thermal pad dimensions for this package are shown in the following illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19