| データシートサーチシステム |
|
XRT83SL34IV データシート(PDF) 43 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL34IV データシート(HTML) 43 Page - Exar Corporation |
|
43 / 80 page ![]() XRT83SL34 QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR PRELIMINARY REV. P1.0.8 40 DUAL LOOP-BACK Figure 22 depicts the data flow in dual-loopback. In this mode, selecting the jitter attenuator in the transmit path will have the same result as placing the jitter attenuator in the receive path. In dual Loop-Back mode the recovered clock and data from the line are looped back through the transmitter to the TTIP and TRING without passing through the jitter attenuator. The transmit clock and data are looped back through the jitter attenuator to the RCLK and RPOS/RDATA and RNEG pins. FIGURE 22. SIGNAL FLOW IN DUAL LOOP-BACK MODE Tx Decoder Timing Control Rx Data & Clock Recovery JA TPOS TNEG TCLK RCLK RPOS RNEG Encoder TTIP TRING RTIP RRING |