| データシートサーチシステム |
|
XRT7250 データシート(PDF) 198 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 データシート(HTML) 198 Page - Exar Corporation |
|
198 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 179 4.2.6 Transmit Section Interrupt Processing The Transmit Section of the XRT7250 can generate an interrupt to the Microcontroller/Microprocessor for the following two reasons. • Completion of Transmission of FEAC Message • Completion of Transmission of LAPD Message 4.2.6.1 Enabling Transmit Section Interrupts As mentioned in Section 1.6, the Interrupt Structure, within the XRT7250 contains two hierarchical levels: • Block Level • Source Level The Block Level The Enable State of the Block Level for the Transmit Section Interrupts dictates whether or not interrupts (if enabled at the source level), are actually enabled. The user can enable or disable these Transmit Sec- tion interrupts, at the Block Level by writing the appro- priate data into Bit 1 (Tx DS3/E3 Interrupt Enable) within the Block Interrupt Enable register (Address = 0x04), as illustrated below. FIGURE 70. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE UPDATED ON THE RISING EDGE OF TXLINECLK TxLineClk TxPOS TxNEG t32 t30 t33 FIGURE 71. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE UPDATED ON THE FALLING EDGE OF TXLINECLK TxLineClk TxPOS TxNEG t31 t32 t33 |