データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2938CS データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS2938CS
部品情報  500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS2938/A
4-5
2004/09 rev. A
Application Information (continued)
The next parameter which must be calculated the
maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.TA(max) is the maximum ambient
temperature which will be encountered in the
application.
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance,
θja, can now be found:
θja = TR(max) / PD
Inhibit Input
TS2938/A feature an active-low (Inhibit) input that
allows ON/OFF control of the regulator. The Inhibit
input has TTL/CMOS compatible thresholds for simple
interfacing with logic interfacing. Inhibit should be
directly tied to Ground or keep open (not connected).
IMPORTANT:
if the maximum allowable value for is found to be ≥ 60
oC/W for the TO-220 package, ≥80 oC/W for the
TO-263 package, ≥150
oC/W for the TO-252 package,
or ≥170
oC/W for the SOT-223 package, no heatsink is
needed since the package alone will dissipate enough
heat to satisfy these requirements. If the calculated
value for
θja falls below these limits, a heatsink is
required.



Html Pages

1 2 3 4 5