データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP178A データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 IP178A
部品情報  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  IP178A Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
(Advance Version)
IP178A
The major differences in application circuit between IP178 and IP178A
No more external bias and series resistors
IP178
0.1u
AVCC
RXIP
RXIM
95.3 R
95.3 R
RD +
RD -
transformer
IP178A
0.1u
RXIP
RXIM
RD +
RD -
transformer
GND
GND
GND
MDI-MDIX
CT
AVCC
No more A/D bypass capacitors & add a pull up resistor to turn on auto MDI_MDIX
IP178
VRTP
VRBM
VRTM
VRBP
472p
472p
IP178A
NC
NC
NC
NC
MDI_MDIX_EN
R
pin134=NC
VCC
pin134=
Transmit circuit is the same as receive circuit for MDI-MDIX function.
IP178
AVCC
TXOP
TXOM
TD +
TD -
transformer
IP178A
TXOP
TXOM
TD +
TD -
transformer
GND
0.1u
TCT
AVCC
CT
AVCC
MDI-MDIX
Preliminary, Specification subject to change without notice
2
IP178A-DS-P05
Sep. 09, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44