| データシートサーチシステム |
|
ADAV801 データシート(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 データシート(HTML) 29 Page - Analog Devices |
|
29 / 56 page ![]() ADAV801 Rev. 0 | Page 29 of 56 put/output switching/ le s include the output ports (both 3-wire digital) and the . Datapath The ADAV801 features a digital in multiplexing matrix that gives flexibility to the range of possib input and output connections. Digital input ports include playback and auxiliary input (both 3-wire digital), and S/PDIF (single-wire to the on-chip receiver). Output port record and auxiliary S/PDIF port (single-wire from the on-chip transmitter). Internally, the DIR and DIT are interfaced via 3-wire interfaces The datapath for each input and output port is selected by programming Datapath Control Registers 1 and 2. Figure 52 shows the internal datapath structure of the ADAV801. PLL ADC DAC OSCILLATOR REFERENCE AUX DATA OUTPUT DIT SRC CONTROL REGISTERS PLAYBACK DATA INPUT DIR AUX DATA INPUT RECORD DATA OUTPUT Figure 52. Datapath |