データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7612 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STV7612
部品情報  PLASMA DISPLAY PANEL DATA DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7612 データシート(HTML) 7 Page - STMicroelectronics

Back Button STV7612 Datasheet HTML 3Page - STMicroelectronics STV7612 Datasheet HTML 4Page - STMicroelectronics STV7612 Datasheet HTML 5Page - STMicroelectronics STV7612 Datasheet HTML 6Page - STMicroelectronics STV7612 Datasheet HTML 7Page - STMicroelectronics STV7612 Datasheet HTML 8Page - STMicroelectronics STV7612 Datasheet HTML 9Page - STMicroelectronics STV7612 Datasheet HTML 10Page - STMicroelectronics STV7612 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STV7612
ADCS 7399251
7/18
Pad positions along the bottom side
OUT 10
2117.0
-1548.0
90.0
80.0
OUT 9
2117.0
-1684.0
90.0
80.0
OUT 8
2117.0
-1820.0
90.0
80.0
OUT 7
2117.0
-1956.0
90.0
80.0
OUT 6
2117.0
-2092.0
90.0
80.0
OUT 5
2117.0
-2228.0
90.0
80.0
OUT 4
2117.0
-2364.0
90.0
80.0
OUT 3
2117.0
-2500.0
90.0
80.0
OUT 2
2117.0
-2636.0
90.0
80.0
OUT 1
2117.0
-2832.0
90.0
80.0
Name
Centre
Size
XY
XY
VSSP
1904.0
-3034.0
80.0
90.0
VPP
1698.0
-3034.0
80.0
90.0
A6
1499.0
-3034.0
80.0
90.0
A5
1349.0
-3034.0
80.0
90.0
A4
1199.0
-3034.0
80.0
90.0
Name
Centre
Size
X
YXY
A3
1049.0
-3034.0
80.0
90.0
A2
899.0
-3034.0
80.0
90.0
A1
749.0
-3034.0
80.0
90.0
STB
449.0
-3034.0
80.0
90.0
CLK
299.0
-3034.0
80.0
90.0
GNDsub
156.5
-3034.0
80.0
90.0
GND
3.0
-3034.0
80.0
90.0
VCC
-158.0
-3034.0
80.0
90.0
F/R
-299.0
-3034.0
80.0
90.0
POL
-449.0
-3034.0
80.0
90.0
BLK
-599.0
-3034.0
80.0
90.0
B1
-749.0
-3034.0
80.0
90.0
B2
-899.0
-3034.0
80.0
90.0
B3
-1049.0
-3034.0
80.0
90.0
B4
-1199.0
-3034.0
80.0
90.0
B5
-1349.0
-3034.0
80.0
90.0
B6
-1499.0
-3034.0
80.0
90.0
VPP
-1698.0
-3034.0
80.0
90.0
VSSP
-1904.0
-3034.0
80.0
90.0
Name
Centre
Size
XYXY
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18