| データシートサーチシステム |
|
PD064VT4 データシート(PDF) 14 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD064VT4 データシート(HTML) 14 Page - AZ Displays |
|
14 / 23 page ![]() PD064VT4 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:14 7-8) Control Board Dip Switch Format SW1 Item Symbol Condition Remark SW 1-1 - No connection Default (OFF) SW 1-2 HP3 Horizontal Shift (8 Line) Default (ON) SW 1-3 HP2 Horizontal Shift (4 Line) Default (OFF) SW 1-4 HP1 Horizontal Shift (2 Line) Default (OFF) SW 1-5 HP0 Horizontal Shift (1 Line) Default (ON) SW 1-6 VP2 Vertical Shift (4 Line) Default (OFF) SW 1-7 VP1 Vertical Shift (2 Line) Default (ON) SW 1-8 VP0 Vertical Shift (1Line) Default (ON) 1. The default state is base on SYNC. mode (VGA-480) 2. Total horizontal shift line are 15 lines (HP0~HP3 on) Total vertical shift line are 7 lines (VP0~VP2 on) SW2 Item Symbol Condition Remark SW 2-1 UD Vertical Image Shift-direction Select Default (ON) SW 2-2 RL Horizontal Image Shift-direction Select Default (ON) |