| データシートサーチシステム |
|
AHF2805S/HB データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AHF2805S/HB データシート(HTML) 8 Page - International Rectifier |
|
8 / 17 page ![]() 8 www.irf.com AHF28XX Series Specifications AHF2805D Table IV. Electrical Performance Characteristics For Notes to Specifications, refer to page 9 n ABSOLUTE MAXIMUM RATINGS Input Voltage -0.5V to 50V Soldering Temperature 300°C for 10 seconds Case Temperature Operating -55°C to +125°C Storage -65°C to +135°C Limits Test Symbol Conditions -55°C ≤ Tc ≤+125°C Vin = 28 Vdc ±5%, C L = 0 unless otherwise specified Group A Subgroups Device Types Min Max Unit Output voltage V OUT I OUT = 0 1 01 ±4.95 ±5.05 V 2,3 ±4.90 ±5.10 Output current 1,2 I OUT V IN = 16, 28, and 40 V dc, each output 1,2,3 01 0.12 1.08 A Output ripple voltage 3 V RIP V IN = 16, 28, and 40 V dc, B.W. = 20 Hz to 2 MHz 1,2,3 01 60 mV p-p Line regulation 4 VR LINE V IN = 16, 28, and 40 V dc, Iout = 0, 1200, and 2400 mA 1,2,3 01 30 mV Load regulation 4 VR LOAD V IN = 16, 28, and 40 V dc, I OUT = 0, 1200, and 2400 mA 1,2,3 01 30 mV Cross regulation 5 VR cros 10 percent to 90 percent load change 1,2,3 01 ±10 % Input current I IN I OUT = 0, inhibit (pin 1) tied to input return (pin 7) 1,2,3 01 12 mA I OUT =0, inhibit (pin 1) = open 60 Input ripple current 3,4 I RIP I OUT = 2400mA B.W. = 20 Hz to 2 MHz 1,2,3 01 50 mA p-p Efficiency 4 E FF I OUT = 2400mA, 1,3 75 T C =+25°C 2 01 72 % Isolation ISO Input to output or any pin to case (except pin 6) at 500V dc, T C = +25°C 1 01 100 M Ω Capacitive load 6,7 C L No effect on dc performance, T C = +25°C, total for both outputs 4 01 200 µF |