データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F14531 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 F14531
部品情報  ~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14531 データシート(HTML) 1 Page - Ledil, Inc.

  F14531 Datasheet HTML 1Page - Ledil, Inc. F14531 Datasheet HTML 2Page - Ledil, Inc. F14531 Datasheet HTML 3Page - Ledil, Inc. F14531 Datasheet HTML 4Page - Ledil, Inc. F14531 Datasheet HTML 5Page - Ledil, Inc. F14531 Datasheet HTML 6Page - Ledil, Inc. F14531 Datasheet HTML 7Page - Ledil, Inc. F14531 Datasheet HTML 8Page - Ledil, Inc. F14531 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT
DATASHEET
F14531_JENNY-CY
JENNY-CY
~105° + 105° batwing light distribution for
canopy and symmetrical tunnel lighting. Variant
with wire channels on the sides enabling
compatibility with small COBs.
TECHNICAL SPECIFICATIONS:
Dimensions
35.0 mm
Height
11.5 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
JENNY-CY
Single lens
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F14531_JENNY-CY
» Box size: 480 x 280 x 300 mm
1440
120
60
10.3
Last update: 23/08/2019
Subject to change without prior notice
Published: 10/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/15


同様の部品番号 - F14531

メーカー部品番号データシート部品情報
logo
Cree, Inc
F14531 CREE-F14531 Datasheet
2Mb / 52P
Jenny series
More results

同様の説明 - F14531

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
C15437 LEDIL-C15437 Datasheet
2Mb / 5P
Beam for canopy lighting with batwing light distribution.
C15920 LEDIL-C15920 Datasheet
3Mb / 5P
Beam for canopy lighting with batwing light distribution.
C16097 LEDIL-C16097 Datasheet
1Mb / 3P
Beam for canopy lighting with batwing light distribution.
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
C15958 LEDIL-C15958 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution
CA14219 LEDIL-CA14219 Datasheet
2Mb / 8P
Beam for canopy lighting with batwing light distribution
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
CA15959 LEDIL-CA15959 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com