| データシートサーチシステム |
|
LPC55S2X データシート(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC55S2X データシート(HTML) 96 Page - NXP Semiconductors |
|
96 / 126 page ![]() LPC55S2x/LPC552x All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2020. All rights reserved. Product data sheet Rev. 1.8 — 4 March 2020 96 of 126 NXP Semiconductors LPC55S2x/LPC552x 32-bit ARM Cortex-M33 microcontroller 12. Analog characteristics 12.1 BODVBAT Brown-out detector to monitor the voltage of VBAT. If the voltage falls below one of the selected voltages, the BOD asserts an interrupt to the NVIC or issues a reset. Single low threshold detection level (programmable trip low level) is used for either BOD interrupt or BOD reset. Hysteresis control on the BOD is programmable. Please refer to UM11126 for further details. Table 35. BOD static characteristics Tamb =25 C; based on characterization; not tested in production. Please refer to UM11126 for further details. Symbol Parameter Conditions Min Typ Max Unit Vth threshold voltage (TRIGLVL) -1.00 - V -1.10 - V -1.20 - V -1.30 - V -1.40 - V -1.50 - V -1.60 - V -1.65 - V -1.70 - V -1.75 - V -1.80 - V -1.90 - V -2.00 - V -2.10 - V -2.20 - V -2.30 - V -2.40 - V -2.50 - V -2.60 - V -2.70 - V -2.806 - V -2.90 - V -3.00 - V -3.10 - V -3.20 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V |