データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C12476 データシート(PDF) 10 Page - Ledil, Inc.

部品番号 C12476
部品情報  ~15째 spot beam
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12476 データシート(HTML) 10 Page - Ledil, Inc.

Back Button C12476 Datasheet HTML 6Page - Ledil, Inc. C12476 Datasheet HTML 7Page - Ledil, Inc. C12476 Datasheet HTML 8Page - Ledil, Inc. C12476 Datasheet HTML 9Page - Ledil, Inc. C12476 Datasheet HTML 10Page - Ledil, Inc. C12476 Datasheet HTML 11Page - Ledil, Inc. C12476 Datasheet HTML 12Page - Ledil, Inc. C12476 Datasheet HTML 13Page - Ledil, Inc. C12476 Datasheet HTML 14Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PRODUCT
DATASHEET
C12476_MIRELLA-50-S
PHOTOMETRIC DATA (MEASURED):
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
26.0°
Efficiency
83 %
Peak intensity
2.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
23.0°
Efficiency
89 %
Peak intensity
3.2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
25.0°
Efficiency
83 %
Peak intensity
2.9 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
LED
MHD-E/G
FWHM
20.0°
Efficiency
88 %
Peak intensity
3.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com