データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI74LVC4245AL データシート(PDF) 8 Page - Pericom Semiconductor Corporation

部品番号 PI74LVC4245AL
部品情報  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERICOM [Pericom Semiconductor Corporation]
ホームページ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245AL データシート(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74LVC4245AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PI74LVC4245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
8
P-0.2
08/11/03
ADVANCE INFORMATION
Packaging Mechanical: 24-pin TSSOP (L)
Packaging Mechanical: 24-pin QSOP (Q)
.303
.311
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
24
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
7.7
7.9
0.65
0.19
0.30
.007
.012
Max
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
typical
.007
.010
.228
.244
1
24
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.20
0.406
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.033
0.84
0.38
.015 x 45˚
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33



Html Pages

1 2 3 4 5 6 7 8 9