| データシートサーチシステム |
|
PAC1934 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1934 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 45 page ![]() PAC1934 EVALUATION BOARD (ADM00805) USER’S GUIDE 2017 Microchip Technology Inc. DS50002673A-page 13 Chapter 2. Installation and Operation 2.1 GETTING STARTED This section describes how to power-up and interface with the ADM00805 Evaluation Board. Items discussed in this chapter include: • System requirements • Downloading and installing the software 2.2 SYSTEM REQUIREMENTS The ADM00805 Evaluation Board is designed to be used with a personal computer (desktop or laptop) running Microsoft® Windows® 7 or later. For USB connectivity, the minimal physical requirement for the PC is a standard type-A USB 2.0 port. 2.3 INSTALLING THE SOFTWARE Go to www.microchip.com and search for PAC1934. Select the PAC193X Demo Appli- cation and double-click the executable program to download the ZIP file. Extract the files from the ZIP archive. Once the files have been extracted, double-click the appli- cation file to begin installing the software. Follow the next steps to proceed with the installation: 1. Figure 2-1 shows the Installer window. Click the Run button. 2. If the used antivirus software presents a warning, allow the file to run in order to proceed with the installation. FIGURE 2-1: INSTALLER WINDOW: |