データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PJM7002NSA データシート(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

部品番号 PJM7002NSA
部品情報  N-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
ホームページ  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002NSA データシート(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PJM7002NSA
N-Enhancement Field Effect Transistor
4 /
6
Package Outline
Ordering Information
Device
Package
Reel Dimension (inch)
Shipping
PJM7002NSA
SOT-23
7
3,000
SOT-23
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
0.8
1.9
0.8
SOT-23
Recommended soldering pad
www.pingjingsemi.com
Revison:1.1 Dec-2018



Html Pages

1 2 3 4 5 6