| データシートサーチシステム |
|
JS202011SCQN データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
JS202011SCQN データシート(HTML) 6 Page - Microchip Technology |
|
6 / 45 page ![]() PAC1934 Evaluation Board (ADM00805) User’s Guide DS50002673A-page 6 2017 Microchip Technology Inc. 4.4 Other Hardware on the Board ...................................................................... 28 4.5 Hardware for I2C/SMBus Communication over USB or External I2C Connection ...................................................................................... 29 4.6 Signal Description in DEMO MODE ............................................................. 29 4.7 PAC1934 Current Measurements using the PAC1934. ............................... 29 4.8 Additional Hardware Details ......................................................................... 30 4.9 Direct External I2C Connection .................................................................... 31 4.10 Jumper Connections - Default Configuration and Other Information Tabulated ......................................................................................... 31 Appendix A. Schematic and Layouts A.1 Introduction .................................................................................................. 33 A.2 ADM00805 Evaluation Board - Schematic ................................................... 34 A.3 ADM00805 Evaluation Board - Schematic 2 ................................................ 35 A.4 ADM00805 Evaluation Board - Schematic 3 ................................................ 36 A.5 Board - Top Silk ........................................................................................... 37 A.6 Board - Top Copper and Silk ....................................................................... 37 A.7 Board - Top Copper ..................................................................................... 38 A.8 Board - Bottom Copper ................................................................................ 38 A.9 Board - Bottom Copper and Silk .................................................................. 39 A.10 Board - Bottom Silk .................................................................................... 39 Appendix B. Bill of Materials (BOM) Worldwide Sales and Service .....................................................................................44 |