データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5002 データシート(PDF) 24 Page - Microchip Technology

部品番号 5002
部品情報  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5002 データシート(HTML) 24 Page - Microchip Technology

Back Button 5002 Datasheet HTML 20Page - Microchip Technology 5002 Datasheet HTML 21Page - Microchip Technology 5002 Datasheet HTML 22Page - Microchip Technology 5002 Datasheet HTML 23Page - Microchip Technology 5002 Datasheet HTML 24Page - Microchip Technology 5002 Datasheet HTML 25Page - Microchip Technology 5002 Datasheet HTML 26Page - Microchip Technology 5002 Datasheet HTML 27Page - Microchip Technology 5002 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 24
 2017 Microchip Technology Inc.
3.5
RAW DATA DISPLAY
Figure 3-1 shows the Raw Data window (6), which displays the raw data for all results
from all of the four channels. As described in Section 3.4 “Sample Rate and display
controls”, calculated values and the register values can be read here. Count is dis-
played for all four channels, but there is only one Count Value register so it is always
the same for each channel. Energy calculations are also displayed and take the sample
rate, the elapsed time between refresh commands, the sense resistor value, and the
full scale for voltage and current into account. See the PAC1934 Data Sheet for more
information about Power and Energy calculations.
3.6
PLOT WINDOWS
There are four individual plots in the plot window. The plot window may be configured
for single plots or multiple plots.
3.6.1
Single Plot option
For the Single Plot option, each plot may be configured to show data from any channel
with the channel selection window and drop-down menu on the left side above the plot.
Each window may be configured to show any of the results from the selected channel
with the results selection drop-down menu. Channel selection and results selection are
independent for each window. This is illustrated in Figure 3-10 and Figure 3-11.
Note that when selecting values from the drop-down menus, it works best to move the
cursor with the mouse and click the desired value, instead of using the scroll button on
the mouse.
FIGURE 3-10:
CHANNEL SELECTION WINDOW - DROP-DOWN MENU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45