データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM00805 データシート(PDF) 13 Page - Microchip Technology

部品番号 ADM00805
部品情報  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ADM00805 データシート(HTML) 13 Page - Microchip Technology

Back Button ADM00805 Datasheet HTML 9Page - Microchip Technology ADM00805 Datasheet HTML 10Page - Microchip Technology ADM00805 Datasheet HTML 11Page - Microchip Technology ADM00805 Datasheet HTML 12Page - Microchip Technology ADM00805 Datasheet HTML 13Page - Microchip Technology ADM00805 Datasheet HTML 14Page - Microchip Technology ADM00805 Datasheet HTML 15Page - Microchip Technology ADM00805 Datasheet HTML 16Page - Microchip Technology ADM00805 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
PAC1934 EVALUATION BOARD
(ADM00805) USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002673A-page 13
Chapter 2. Installation and Operation
2.1
GETTING STARTED
This section describes how to power-up and interface with the ADM00805 Evaluation
Board. Items discussed in this chapter include:
• System requirements
• Downloading and installing the software
2.2
SYSTEM REQUIREMENTS
The ADM00805 Evaluation Board is designed to be used with a personal computer
(desktop or laptop) running Microsoft® Windows® 7 or later. For USB connectivity, the
minimal physical requirement for the PC is a standard type-A USB 2.0 port.
2.3
INSTALLING THE SOFTWARE
Go to www.microchip.com and search for PAC1934. Select the PAC193X Demo Appli-
cation and double-click the executable program to download the ZIP file. Extract the
files from the ZIP archive. Once the files have been extracted, double-click the appli-
cation file to begin installing the software. Follow the next steps to proceed with the
installation:
1. Figure 2-1 shows the Installer window. Click the Run button.
2. If the used antivirus software presents a warning, allow the file to run in order to
proceed with the installation.
FIGURE 2-1:
INSTALLER WINDOW:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45