データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSC7440 データシート(PDF) 18 Page - Microsemi Corporation

部品番号 VSC7440
部品情報  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 データシート(HTML) 18 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 14Page - Microsemi Corporation VSC7440 Datasheet HTML 15Page - Microsemi Corporation VSC7440 Datasheet HTML 16Page - Microsemi Corporation VSC7440 Datasheet HTML 17Page - Microsemi Corporation VSC7440 Datasheet HTML 18Page - Microsemi Corporation VSC7440 Datasheet HTML 19Page - Microsemi Corporation VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 444 page
background image
Revision History
VMDS-10492 VSC7440 Datasheet Revision 4.2
1
1
Revision History
The revision history describes the changes that were implemented in the document. The changes are
listed by revision, starting with the most current publication.
1.1
Revision 4.2
Revision 4.2 was published in April 2019. The following is a summary of changes in revision 4.2 of this
document.
•
VeriPHY™ Cable Diagnostics section was updated. For more information, see VeriPHY™ Cable
Diagnostics, page 37.
•
The Pins by Function section was updated with proper heading style.
1.2
Revision 4.1
Revision 4.1 was published in August 2017. The following is a summary of changes in revision 4.1 of this
document.
•
The DTI bandwidth description was updated. For more information, see DTI Bandwidth, page 238.
•
The number of the MAC table entries was updated. For more information, see Analyzer MAC Table,
page 170.
•
The PLL clock outputs table was updated. For more information, see Table 290, page 379.
•
The temperature formula for the temperature sensor was updated. For more information, see
Temperature Sensor, page 361.
1.3
Revision 4.0
Revision 4.0 was the first production-level publication of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More