データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2ANY データシート(PDF) 7 Page - Texas Instruments

部品番号 USB2ANY
部品情報  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY データシート(HTML) 7 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 3Page - Texas Instruments USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
Connecting the USB2ANY
7
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
3
Connecting the USB2ANY
NOTE:
This section assumes you are using the USB2ANY in its gray plastic enclosure (as shown in
Figure 1). If the USB2ANY board has been removed from the enclosure, or the board came
without an enclosure, some interpretation and adjustments may need to be made in these
instructions.
The USB2ANY ships with two cables, one 10-pin and one 30-pin. Both cables are standard 0.050-in (1.25-
mm) pitch ribbon cables with IDC-type connectors. The connectors have a key to assure that they are
installed correctly.
Figure 4. 10-Pin Cable With Key
NOTE:
If you are using the USB2ANY board without its enclosure, the key must face away from the
PCB. Be sure to carefully align the male pins on the PCB with the cable connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21