| データシートサーチシステム |
|
SARA-R410M-01B データシート(PDF) 38 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R410M-01B データシート(HTML) 38 Page - u-blox AG |
|
38 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Labeling and ordering information Page 38 of 43 8.3 Ordering information Ordering No. Product SARA-R404M-00B LTE Cat M1 module Designed for operation in LTE band 13 26.0 x 16.0 mm, 250 pieces/reel SARA-R410M-01B LTE Cat M1 module Designed for operation in LTE bands 2, 4, 5, 12 26.0 x 16.0 mm, 250 pieces/reel SARA-R410M-02B LTE Cat M1 / NB1 module Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20, 25, 28 26.0 x 16.0 mm, 250 pieces/reel SARA-R410M-52B LTE Cat M1 module Designed for operation in LTE bands 2, 4, 5, 12, 13 26.0 x 16.0 mm, 250 pieces/reel SARA-R410M-63B LTE Cat M1 module Designed for operation in LTE bands 1, 8, 19 26.0 x 16.0 mm, 250 pieces/reel SARA-R410M-73B LTE Cat M1 module Designed for operation in LTE bands 3, 5, 26 26.0 x 16.0 mm, 250 pieces/reel SARA-R412M-02B LTE Cat M1 / NB1 and 2G module Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20 and 2G bands 850, 900, 1800, 1900 26.0 x 16.0 mm, 250 pieces/reel SARA-N410-02B LTE Cat NB1 module Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 28 26.0 x 16.0 mm, 250 pieces/reel Table 34: Product ordering codes |