データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT8550-1.5A データシート(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

部品番号 MMBT8550-1.5A
部品情報  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
ホームページ  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT8550-1.5A データシート(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT8550-1.5A Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8550-1.5A Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT8550-1.5A Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT8550-1.5A
PNP Transistor
1 / 3
www.pingjingsemi.com
Revision:1.1 Oct-2017
Features
For Switching and Amplifier Applications.
Especially Suitable for AF-Driver Stages and Low
Power Output Stages.
As Complementary Type of the NPN Transistor
MMBT8050-1.5A is Recommended.
Absolute Maximum Ratings
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
25
V
Emitter Base Voltage
-VEBO
6
V
Collector Current
-IC
1.5
A
Power Dissipation
PD
350
mW
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55 to 150
Electrical Characteristics
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA Current Gain Group
C
D
at -VCE = 1 V, -IC = 800 mA
HFE
100
160
40
-
-
250
400
-
Collector Base Cutoff Current
at -VCB = 35 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 6 V
-IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 μA
-
V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 2 mA
-
V(BR)CEO
25
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100 μA
-
V(BR)EBO
6
-
-
V
Collector Emitter Saturation Voltage
at -IC = 800 mA, -IB = 80 mA
-
VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at -IC = 800 mA, -IB = 80 mA
-
VBE(sat)
-
-
1.2
V
Base Emitter Voltage
at -VCE = 1 V, -IB = 10 mA
-
VBE(on)
-
-
1
V
Transition Frequency
at -VCE = 10 V, -IC = 50 mA
FT
120
-
-
MHz
SOT-23
(TO-236)
1.Base 2.Emitter 3.Collector
Marking: -C: X2
-D: Y2


同様の部品番号 - MMBT8550-1.5A

メーカー部品番号データシート部品情報
logo
Nanjing International G...
MMBT8550-1.5A DGNJDZ-MMBT8550-1.5A Datasheet
66Kb / 2P
PNP Silicon Epitaxial Planar Transistor
More results

同様の説明 - MMBT8550-1.5A

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com