| データシートサーチシステム |
|
SAMR21 データシート(PDF) 26 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMR21 データシート(HTML) 26 Page - ATMEL Corporation |
|
26 / 31 page ![]() 7.2. Connecting a SAM-ICE to an Xplained Pro Board Xplained Pro kits featuring a 10-pin 50mil debug connector can use external debug tools like SAM-ICE ™ or Atmel-ICE instead of the built-in EDBG. Devices using SWD interface on-board will have a connector with the pinout compatible with the Cortex Debug Connector. You can connect the SAM-ICE to the debug connector on an Xplained Pro using either an Atmel-ICE adapter, SAM-ICE adapter, or a 10-pin 50-mil header to squid cable. When using a squid cable, see the table and figures below for how to connect the SAM-ICE to the Xplained Pro board. Table 7-1. Squid Cable Connections Squid Cable pin SAM-ICE pin 1 (VCC) 1 (VTref) 2 (SWDIO/TMS) 7 (TMS) 3 (GND) 4 (GND) 4 (SWCLK/TCK) 9 (TCK) 5 (GND) 6 (GND) 6 (SWO/TDO) 13 (TDO) (1) 7 (Not used) 8 (Not used) 9 (Not used) 10 (RESET) 15 (RESET) Note: 1. Optional, if the device has this functionality. Figure 7-6. SAM-ICE using a Squid Cable Atmel SAM R21 Xplained Pro [USER GUIDE] Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016 26 |