| データシートサーチシステム |
|
M01-SS2 データシート(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
M01-SS2 データシート(HTML) 13 Page - ATMEL Corporation |
|
13 / 31 page ![]() Table 4-2. Extension Header EXT3 Pin on EXT3 SAM R21 pin Function Shared functionality 1 [ID] - Communication line to ID chip on extension board 2 [GND] - GND 3 [ADC(+)] - - 4 [ADC(-)] - - 5 [GPIO1] PA15 GPIO 6 [GPIO2] - 7 [PWM(+)] - 8 [PWM(-)] - 9 [IRQ/GPIO] - 10 [SPI_SS_B/GPIO] PA08 GPIO EDBG 11 [TWI_SDA] PA16 SERCOM1 PAD[0] I²C SDA EXT1 and EDBG 12 [TWI_SCL] PA17 SERCOM1 PAD[1] I²C SCL EXT1 and EDBG 13 [USART_RX] - - 14 [USART_TX] - - 15 [SPI_SS_A] PA14 GPIO EDBG 16 [SPI_MOSI] PB22 SERCOM5 PAD[2] SPI MOSI EXT1 and EDBG 17 [SPI_MISO] PB02 SERCOM5 PAD[0] SPI MISO EXT1 and EDBG 18 [SPI_SCK] PB23 SERCOM5 PAD[3] SPI SCK EXT1 and EDBG 19 [GND] - GND 20 [VCC] - VCC Related Links Xplained Pro Standard Extension Header on page 10 4.1.2. Alternate Signals Header The alternate signals header is marked with "Alternate" in silkscreen of the kit. The signals provided here are otherwise hard to do measurements on. Table 4-3. Alternate Signals Header Pin on header Pin on SAM R21 Function 1 PA09 RFCTRL1, negative antenna switch control signal 2 PA12 RFCTRL2, positive antenna switch control signal 3 PA27 GPIO, chip select on the EDBG DGI SPI bus Atmel SAM R21 Xplained Pro [USER GUIDE] Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016 13 |