| データシートサーチシステム |
|
SAMV71J19 データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71J19 データシート(HTML) 31 Page - Microchip Technology |
|
31 / 41 page ![]() 18. Supply Controller (SUPC) 18.1 Write-Protection The SUPC_WUIR register is not write-protected. Workaround None. Affected Silicon Revisions A B X X 18.2 Programmable Clock Controller Programmable Clock Outputs, PCK0 and PCK2, selected from the clock generator outputs to drive the device PCK pins are not supported and should not be used. Workaround Use PCK1. Table 18-1. Affected Silicon Revisions A B X X SAM E70/S70/V70/V71 Family Supply Controller (SUPC) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 31 |