| データシートサーチシステム |
|
SAMV71J20 データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71J20 データシート(HTML) 22 Page - Microchip Technology |
|
22 / 41 page ![]() • PEDE bit is replaced by the BEE bit • PEAE bit is replaced by the CRCEE bit Workaround None. Affected Silicon Revisions A B X 10.7 MCAN_ILS Register On Revision A silicon, the content in the MCAN Interrupt Line Support Register does not match the content in the current device data sheet. • STEL and FOEL bits are present • ARAL bit is replaced by the ACKEL bit • PEDL bit is replaced by the BEL bit • PEAL bit is replaced by the CRCEL bit Workaround None. Affected Silicon Revisions A B X 10.8 MCAN Data Bit Timing and Prescaler Register On Revision A silicon, the MCAN Data Bit Timing and Prescaler register (MCAN_DBTP) is named MCAN Fast Bit Timing and Prescaler register (MCAN_FBTP). Workaround When using Revision A silicon, ensure that the name MCAN_FBTP is used. Affected Silicon Revisions A B X 10.9 MCAN Nominal Bit Timing and Prescaler Register On Revision A silicon, the MCAN Nominal Bit Timing and Prescaler register (MCAN_NBTP) is named MCAN Bit Timing and Prescaler register (MCAN_BTP). SAM E70/S70/V70/V71 Family Controller Area Network (MCAN) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 22 |