データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMV70Q20 データシート(PDF) 15 Page - Microchip Technology

部品番号 SAMV70Q20
部品情報  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV70Q20 データシート(HTML) 15 Page - Microchip Technology

Back Button SAMV70Q20 Datasheet HTML 11Page - Microchip Technology SAMV70Q20 Datasheet HTML 12Page - Microchip Technology SAMV70Q20 Datasheet HTML 13Page - Microchip Technology SAMV70Q20 Datasheet HTML 14Page - Microchip Technology SAMV70Q20 Datasheet HTML 15Page - Microchip Technology SAMV70Q20 Datasheet HTML 16Page - Microchip Technology SAMV70Q20 Datasheet HTML 17Page - Microchip Technology SAMV70Q20 Datasheet HTML 18Page - Microchip Technology SAMV70Q20 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
5.
Device
5.1
AHB Peripheral (AHBP) Port Frequency Ratio
Peripheral accesses done through the AHBP with a Core/Bus ratio of 1/3 and 1/4 may lead to
unpredictable results.
Workaround
The user must use a Core/Bus frequency ratio of 1 or 1/2.
Affected Silicon Revisions
A
B
X
X
5.2
AHB Slave (AHBS) Port Latency Access
DMA accesses done through the AHBS to the TCM with a Core/Bus ratio of 1/2, 1/3, and 1/4 may lead to
latency due to one Wait state added to the access from the bus to AHBS.
Workaround
The user must use only the Core/Bus frequency ratio of 1 to guarantee the length of the access.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Device
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41