データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMV70N19 データシート(PDF) 36 Page - Microchip Technology

部品番号 SAMV70N19
部品情報  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV70N19 データシート(HTML) 36 Page - Microchip Technology

Back Button SAMV70N19 Datasheet HTML 32Page - Microchip Technology SAMV70N19 Datasheet HTML 33Page - Microchip Technology SAMV70N19 Datasheet HTML 34Page - Microchip Technology SAMV70N19 Datasheet HTML 35Page - Microchip Technology SAMV70N19 Datasheet HTML 36Page - Microchip Technology SAMV70N19 Datasheet HTML 37Page - Microchip Technology SAMV70N19 Datasheet HTML 38Page - Microchip Technology SAMV70N19 Datasheet HTML 39Page - Microchip Technology SAMV70N19 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
23.
Data Sheet Clarifications
The following typographic corrections and clarifications are to be noted for the latest version of the device
data sheet (DS60001527C):
Note:  Corrections in tables, registers, and text are shown in bold. Where possible, the original bold text
formatting has been removed for clarity.
23.1
Controller Area Network (MCAN)
The MCAN_CREL register reset value documented in the data sheet is applicable to devices with silicon
revision B. The MCAN_CREL register reset value for devices with silicon revision A is 0x30130506.
23.2
Quad Serial Peripheral Interface (QSPI)
The QSPI in SPI mode does not support the Wait Data Read Before Transfer feature, the WDRBT bit in
the SPI Mode Register (SPI_MR) must be ignored.
SAM E70/S70/V70/V71 Family
Data Sheet Clarifications
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41