データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMV70N20 データシート(PDF) 29 Page - Microchip Technology

部品番号 SAMV70N20
部品情報  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV70N20 データシート(HTML) 29 Page - Microchip Technology

Back Button SAMV70N20 Datasheet HTML 25Page - Microchip Technology SAMV70N20 Datasheet HTML 26Page - Microchip Technology SAMV70N20 Datasheet HTML 27Page - Microchip Technology SAMV70N20 Datasheet HTML 28Page - Microchip Technology SAMV70N20 Datasheet HTML 29Page - Microchip Technology SAMV70N20 Datasheet HTML 30Page - Microchip Technology SAMV70N20 Datasheet HTML 31Page - Microchip Technology SAMV70N20 Datasheet HTML 32Page - Microchip Technology SAMV70N20 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
16.
Static Memory Controller (SMC)
16.1
SMC_WPSR Register Write Protection
When the write protection feature is enabled and a write attempt into a protected register is performed,
the Write Protection Violation Source (WPVSRC) bit field in the SMC_WPSR register does not report the
right violation source. As a consequence, the value in the WPVSRC bit field is incorrect. This issue does
not affect the write protection feature itself, which is fully functional.
Workaround
None.
Affected Silicon Revisions
A
B
X
SAM E70/S70/V70/V71 Family
Static Memory Controller (SMC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41