| データシートサーチシステム |
|
SAMV70J20 データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV70J20 データシート(HTML) 33 Page - Microchip Technology |
|
33 / 41 page ![]() 20. Universal Synchronous Asynchronous Receiver Transmitter (USART) 20.1 Flow Control with DMA The RTS signal is not connected to the DMA. Therefore, when DMA is used, Flow Control is not supported. Workaround None. Affected Silicon Revisions A B X X 20.2 Bad Frame Detection If a bad frame is received (i.e., incorrect baud rate) with the last data bit being sampled at 1, frame error detection does not occur. Workaround There is no general workaround. When performing baud rate detection with receive part, the transmit frame must be sent with a parity bit set to '0'. Affected Silicon Revisions A B X X SAM E70/S70/V70/V71 Family Universal Synchronous Asynchronous Receiver Transm... © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 33 |