| データシートサーチシステム |
|
MMBTRC246SS データシート(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
MMBTRC246SS データシート(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
3 / 6 page ![]() 3K 5K 1K 50 Ta =1 00 C 50 10 OUTPUT CURRENT Io (mA) 30 10 5 1 3 13 300 Ta=-25 C Ta=25 C 30 o 100 o o 1K 1 10 5 3 30 3 Ta=-25 C Ta=25 C 1.0 INPUT ON VOLTAGE VI(ON) (V) INPUT OFF VOLTAGE VI(OFF) (V) 500 1K 5K 3K 30 50 100 300 300 100 MMBTRC241SS 0.6 Vo=5.0V 0.4 0.8 MMBTRC241SS Vo=5.0V 300 500 10 3 5 50 30 1 0.5 0.3 100 Vo=0.3V 0.3 0.1 1 MMBTRC241SS 1.8 1.4 GI - Io 1.2 1.6 Io - VI(OFF) 2.0 100 300 50 30 100 500 300 300 30 10 o o 100 Io - VI(ON) 300 1K 1 0.3 0.5 5 3 50 30 10 100 500 OUTPUT CURRENT Io (mA) Ta =1 00 C 3 110 o 100 30 Ta=-25 C Ta=25 C o o 300 1K Io - VI(OFF) INPUT ON VOLTAGE VI(ON) (V) GI - Io INPUT OFF VOLTAGE VI(OFF) (V) MMBTRC242SS Vo=5.0V 0.4 0.6 0.8 1.0 MMBTRC242SS Vo=5.0V 1.2 1.4 1.6 1.8 Ta=-25 C Ta=25 C Vo=0.3V 0.1 0.3 13 MMBTRC242SS 10 o o 30 100 300 2.0 1K Io - VI(ON) MMBTRC241SS~MMBTRC246SS NPN Digital Transistor 3 / 6 www.pingjingsemi.com Revision:1.0 Jan-2018 |