データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK2M3W64CC データシート(PDF) 21 Page - Intel Corporation

部品番号 STK2M3W64CC
部品情報  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC データシート(HTML) 21 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 17Page - Intel Corporation STK2M3W64CC Datasheet HTML 18Page - Intel Corporation STK2M3W64CC Datasheet HTML 19Page - Intel Corporation STK2M3W64CC Datasheet HTML 20Page - Intel Corporation STK2M3W64CC Datasheet HTML 21Page - Intel Corporation STK2M3W64CC Datasheet HTML 22Page - Intel Corporation STK2M3W64CC Datasheet HTML 23Page - Intel Corporation STK2M3W64CC Datasheet HTML 24Page - Intel Corporation STK2M3W64CC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Overview of BIOS Features
21
1.12.1.5
Intel® Identity Protection Technology
Intel Identity Protection Technology (Intel IPT) provides a simple way for websites and
enterprises to validate that a user is logging in from a trusted computer. This is accomplished
by using the Intel Manageability Engine embedded in the chipset to generate a six-digit number
that, when coupled with a user name and password, will generate a One-Time Password (OTP)
when visiting Intel IPT-enabled websites. Intel IPT eliminates the need for the additional token
or key fob required previously for two-factor authentication.
For information about
Refer to
Intel Identity Protection Technology
http://ipt.intel.com
1.12.1.6
Trusted Platform Module (TPM)
Only available on the STK2MV64CC and the STK2M364CC. The TPM version 2.0 component is
specifically designed to enhance platform security above-and-beyond the capabilities of today’s
software by providing a protected space for key operations and other security critical tasks. Using
both hardware and software, the TPM protects encryption and signature keys at their most
vulnerable stages—operations when the keys are being used unencrypted in plain-text form. The
TPM shields unencrypted keys and platform authentication information from software-based
attacks.
NOTE
Support for TPM version 2.0 requires a UEFI-enabled operating system.
For information about
Refer to
Nuvoton NPCT650AAAYx
www.nuvoton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33