データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

120-LCCH データシート(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

部品番号 120-LCCH
部品情報  Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINKCOM [LinkCom Manufacturing Co., Ltd.]
ホームページ  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

120-LCCH データシート(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  120-LCCH Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. 120-LCCH Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. 120-LCCH Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. 120-LCCH Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. 120-LCCH Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Supply
120-LCCH Series
(1) All parameters not specially mentioned are measured 230VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
EN 55015 (CISPR15) , FCC Part 15 Class B
EN 61000-3-2 Class C
EN 61000-3-3
IEC 61000-4-2
IEC 61000-4-3
UL
*REFERENCE: www.linkcom.com.tw
Voltage Dips
Safety
PSE
PSE
Notes
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
CB
IEC 61347-2-13 , IEC 61347-1
UL60950
IEC 61000-4-11
L-N 2KV, L-FG/N-FG 4KV
Conducted RF Disturbances
Power Frequency Magnetic Field
IEC 61000-4-6
IEC 61000-4-8
RF Electromagnetic Field
Susceptibility
Electrical Fast Transient
Surge Immunity
IEC 61000-4-4
IEC 61000-4-5
EMC Compliance and Safety
EMC Compliance
Conducted and Radiated Emmission
Harmonic Current Emissions
Voltage Fluctuations & Flicker
EMS Standards
Electrostatic Discharge (ESD)
8 KV air discharge, 4 KV contact discharge
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com