| データシートサーチシステム |
|
HLMP-CW36-RVB00 データシート(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-CW36-RVB00 データシート(HTML) 5 Page - Agilent(Hewlett-Packard) |
|
5 / 6 page ![]() Figure 7. Spatial Radiation Pattern for CW2x Figure 8. Spatial Radiation Pattern for CW3x Figure 6. Spatial Radiation Pattern for CW1x 0 0.5 1 -90 -60 -30 0 30 60 90 ANGULAR DISPLACEMENT (˚) 0 0.5 1 -90 -60 -30 0 30 60 90 ANGULAR DISPLACEMENT (˚) 0 0.5 1 -90 -60 -30 0 30 60 90 ANGULAR DISPLACEMENT (˚) Bin Intensity (mcd) at 20 mA Min Max Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 3200 4200 V 4200 5500 W 5500 7200 X 7200 9300 Y 9300 12000 Z 12000 16000 1 16000 21000 Intensity Bin Limit Table Tolerance for each bin limit is ± 15% |