データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP4065AB6F データシート(PDF) 7 Page - Lowpower Semiconductor inc

部品番号 LP4065AB6F
部品情報  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER [Lowpower Semiconductor inc]
ホームページ  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4065AB6F データシート(HTML) 7 Page - Lowpower Semiconductor inc

  LP4065AB6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4065AB6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP4065-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP4065
Thermal Limiting
An internal thermal feedback loop reduces the ISET
programmed charge current if the die temperature attempts to
rise above a preset value of approximately 125°C. This
feature protects the LP4065 from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging the
LP4065. The charge current can be set according to typical
(not worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-case
conditions.



Html Pages

1 2 3 4 5 6 7 8