| データシートサーチシステム |
|
LP6288 データシート(PDF) 17 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP6288 データシート(HTML) 17 Page - Lowpower Semiconductor inc |
|
17 / 24 page ![]() Preliminary Datasheet LP6288 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 17 of 24 LP6288 Version 0.1 JAN.-2018 Application Information(Continued) Layout Guideline The proper PCB layout and component placement are critical for all circuit. The careful attention should be prevent electromagnetic interference (EMI) problems. Here are some suggestions to the layout of LP6280 design. 1. Connected all ground together with one uninterrupted ground plane, which include power ground and analog ground. 2. The input capacitor should be located as closed as possible to the VIN and ground plane. 3. Minimize the distance of all traces connected to all the LX node, that the traces short and wide route to obtain optimum efficiency. 4. All output capacitor must be closed to ground plane. The ground terminal of COUT must be located as closed as possible to ground plane. 5. The exposed pad of the chip should be connected to ground plane for maximum thermal consideration.. CBST1 VIN BKI1 1 2 3 PGND 41 4 5 6 11 12 13 14 15 16 25 26 27 28 30 29 35 36 37 38 39 40 7 8 9 10 17 18 19 20 31 32 33 34 21 22 24 23 BKI1 RST SDA SCL Addr HVS VLI AGND COMP BKO3 PGND BKLX3 BST3 BKI3 DRN VGHM VGH DRVP DRVN C6 RComp CComp1 C7 Diode VIN C10 CComp2 AGND PGND PGND PGND Figure 9. Recommended PCB Layout Diagram |