| データシートサーチシステム |
|
TLP293 データシート(PDF) 13 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP293 データシート(HTML) 13 Page - Toshiba Semiconductor |
|
13 / 15 page ![]() TLP293 13 16. 16. 16. 16. Ordering Information Ordering Information Ordering Information Ordering Information When placing an order, please specify the part number, CTR rank, tape type and quantity as shown in the following example. Example) TLP293(GR-TPL,E 5000 pcs Part number: TLP293 CTR rank: GR Tape type: TPL (L direction) [[G]]/RoHS COMPATIBLE: E (Note 1) (Note 1) (Note 1) (Note 1) Quantity (must be a multiple of 2500): 5000 pcs Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 2019-11-29 Rev.6.0 ©2016-2019 Toshiba Electronic Devices & Storage Corporation |