データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP159 データシート(PDF) 13 Page - Texas Instruments

部品番号 DP159
部品情報  as DisplayPort Retimer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DP159 データシート(HTML) 13 Page - Texas Instruments

Back Button DP159 Datasheet HTML 7Page - Texas Instruments DP159 Datasheet HTML 8Page - Texas Instruments DP159 Datasheet HTML 9Page - Texas Instruments DP159 Datasheet HTML 10Page - Texas Instruments DP159 Datasheet HTML 11Page - Texas Instruments DP159 Datasheet HTML 12Page - Texas Instruments DP159 Datasheet HTML 13Page - Texas Instruments DP159 Datasheet HTML 14Page - Texas Instruments DP159 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
DisplayPort Sink Link Training Suggestions
5.2
Link Training Clock Recovery (CR) Phase
During link training, a DisplayPort 1.2 compliant source will follow the CR phase of link training detailed in
Figure 9. It is important the DisplayPort sink take full advantage of the source behavior. The state diagram
shows that CR phase will continue as long as the same VOD level is not used 5 times or a max VOD level
is never used. Because of this, the sink CR phase algorithm should never use the same voltage swing
level five times or the max voltage swing. Depending on the source, the max voltage swing level can be
either Level 2 or Level 3. Typically, a sink algorithm starts at level 0 and progress to level 3. It is
suggested to try level 0 two times, level 1 four times, level 2 four times, and level 3 once. Keep in mind
source support for level 3 is not required. For the case in which level 3 is not support by the source, level
2 will happen once.
Figure 9. DisplayPort 1.2a Link Training CR Phase State Diagram
13
SLLA358 – December 2015
DP159 as DisplayPort Retimer
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15