データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TESEO-LIV3F データシート(PDF) 32 Page - STMicroelectronics

部品番号 TESEO-LIV3F
部品情報  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F データシート(HTML) 32 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 30Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 31Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 32Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 33Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 34Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 35Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Labelling information
Teseo-LIV3F
32/37
DS12152 Rev 7
18
Labelling information
The labelling of Teseo-LIV3F reports product information.
Information layout of the product is shown in Figure 9: labelling information.
Figure 9. Labelling information of Teseo-LIV3F
Information description are reported in the following Table 10.
Table 10. Labelling information description
Items
Description
Internal production code
Information code related only to the production line
QR Sample code
QR Sample code used for traceability information of any parts
Product Name
Official product name for Ordering Code
Pin 1 hole
Hole on the shield to identify Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37