| データシートサーチシステム |
|
ZXTP2008G データシート(PDF) 1 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZXTP2008G データシート(HTML) 1 Page - Zetex Semiconductors |
|
1 / 6 page ![]() SUMMARY BVCEO = -30V : RSAT = 31m ; IC = -5.5A DESCRIPTION Packaged in the SOT223 outline this new low saturation 30V PNP transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions. FEATURES • 5.5 Amps continuous current • Up to 20 amps peak current • Very low saturation voltages • Exceptional gain linearity down to 10mA APPLICATIONS • DC - DC converters • MOSFET gate drivers • Charging circuits • Power switches • Motor control DEVICE MARKING ZXTP 2008 ZXTP2008G ISSUE 1 - JUNE 2005 30V PNP LOW SATURATION TRANSISTOR IN SOT223 1 PINOUT TOP VIEW SOT223 DEVICE REEL SIZE TAPE WIDTH QUANTITY PER REEL ZXTP2008GTA 7” 12mm embossed 1,000 units ZXTP2008GTC 13” 4,000 units ORDERING INFORMATION |
同様の部品番号 - ZXTP2008G |
|
同様の説明 - ZXTP2008G |