データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APCRBC130 データシート(PDF) 1 Page - Schneider Electric

部品番号 APCRBC130
部品情報  APC Replacement Battery Cartridge # 130
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

APCRBC130 データシート(HTML) 1 Page - Schneider Electric

  APCRBC130 Datasheet HTML 1Page - Schneider Electric APCRBC130 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
APCRBC130
APC Replacement Battery Cartridge # 130
Main
Battery life
3…5 year(s)
Battery power in VAh
0 VAh
Colour
Black
Depth
27.3 cm
Device mounting
Enclosed battery cartridge
Height
14.6 cm
Number of battery filled slots
0
Number of battery free slots
0
Number of battery replacement
quantity
1
Provided equipment
All required connectors
Net weight
6.3 kg
Width
23.3 cm
Manufacturing support
APC
Battery type
Lead-acid battery
Mounting mode
Not rack-mountable
Packing Units
Package 1 Weight
6.3 kg
Package 1 Height
14.6 cm
Package 1 width
23.3 cm
Package 1 Length
27.3 cm
SCC14
10731304285165
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
 
Sep 2, 2020
1


同様の部品番号 - APCRBC130

メーカー部品番号データシート部品情報
logo
Schneider Electric
APCRBC108 SCHNEIDER-APCRBC108 Datasheet
94Kb / 2P
APC Replacement Battery Cartridge # 108 with 2 Year Warranty
Sep 20, 2021
APCRBC110 SCHNEIDER-APCRBC110 Datasheet
82Kb / 2P
APC Replacement Battery Cartridge #110
Sep 2, 2020
APCRBC123 SCHNEIDER-APCRBC123 Datasheet
89Kb / 2P
APC Replacement Battery Cartridge # 123
02-Sep-2020
APCRBC124 SCHNEIDER-APCRBC124 Datasheet
90Kb / 2P
APC Replacement Battery Cartridge # 124
Sep 2, 2020
APCRBC140 SCHNEIDER-APCRBC140 Datasheet
91Kb / 2P
APC Replacement battery cartridge #140 with 2 Year Warranty
Oct 6, 2021
More results

同様の説明 - APCRBC130

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RBC31 ETC-RBC31 Datasheet
36Kb / 1P
APC Replacement Battery Cartridge #31
RBC55 ETC2-RBC55 Datasheet
40Kb / 1P
APC Replacement Battery Cartridge 55
RBC2A ETC2-RBC2A Datasheet
477Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
logo
Tripp Lite. All Rights ...
RBC7A TRIPPLITE-RBC7A Datasheet
163Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
logo
Schneider Electric
APCRBC110 SCHNEIDER-APCRBC110 Datasheet
82Kb / 2P
APC Replacement Battery Cartridge #110
Sep 2, 2020
APCRBC123 SCHNEIDER-APCRBC123 Datasheet
89Kb / 2P
APC Replacement Battery Cartridge # 123
02-Sep-2020
APCRBC124 SCHNEIDER-APCRBC124 Datasheet
90Kb / 2P
APC Replacement Battery Cartridge # 124
Sep 2, 2020
APCRBC153 SCHNEIDER-APCRBC153 Datasheet
90Kb / 2P
APC Replacement battery cartridge #153
Sep 2, 2020
APCRBC154 SCHNEIDER-APCRBC154 Datasheet
88Kb / 2P
APC Replacement battery cartridge #154
02-Sep-2020
RBC35 SCHNEIDER-RBC35 Datasheet
79Kb / 2P
APC Replacement Battery Cartridge #35 with 2Year Warranty
Sep 20, 2021
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com